Part Number Hot Search : 
D45VH1 8F445 C547A SC862110 ULC0524P 30PBF PA341 2GAG2
Product Description
Full Text Search
 

To Download SR3150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR3150
Elektronische Bauelemente
VOLTAGE 150V 3.0 Amp Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
DO-27
FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
.220(5.6) .197(5.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 1.10 grams(Approximately)
.052(1.3) .048(1.2) DIA.
.375(9.5) .285(7.2)
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 3 Amps,TF= 25 C) Maximum Instantaneous Forward Voltage (IF = 3 Amps,TF= 125 C) Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance R JC (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SR3150 150 150 150 3 80 0.85 0.70 0.02 10 300 10 -50 ~ +150 -65 ~ +175
UNITS V V V A A V mA mA pF C/W C C
Ta=25 C Ta=125 C
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
SR3150
Elektronische Bauelemente
VOLTAGE 150V 3.0Amp Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SR3150)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
I F(AV),AVERAGE POWER DISSIPATION(WATTS) IF(AV) ,INSTANEOUS FORWAED CURRENT(AMP)
4 RATED VOLTAGE R qJC = 2 C/W 20
FIG.2- TYPICAL FORWARD VOLTAGE (PER LEG)
3
10
Tj=150 C
2 SQUARE WAVE
dc
5
Tj=125 C
1
3
0 70 80 90 100 110 120 130 140 150 160 180
2
Tj=75 C
Tc,CASE TEMPERATURE,( C)
TJ = 25 C Tj=25 C
0 0.2 0.4 0.6 0.8 1.0
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100
PEAK FORWARD SURGE CURRENT,(A)
VF ,INSTANTANEOUS VOLTAGE(VOLTS)
80 100,000
Tj=25 C 8.3ms Single Half
FIG.5-TYPICAL REVERSE CURRENT(PER LEG)
60
Tj=150 C
I R , REVERSE CURRENT( m A)
40
Sine Wave JEDEC method
10,000
Tj=125 C
20
1,000
Tj=100 C
0 1 10 50 100
100
NUMBER OF CYCLES AT 60Hz
10
Tj=25 C
1
FIG.4-TYPICAL JUNCTION CAPACITANCE
700 600 VR , REVERSE CURRENT (VOLTS) 500 400
Tj=25 C
0 0 20 40 60 80 100 120 140 160 180 200
JUNCTION CAPACITANCE,(pF)
300 200 100 0
1
2
5
10
50
100
REVERSE VOLTAGE,(V)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
l
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SR3150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X